PART |
Description |
Maker |
ADG936BCP-R-500RL7 ADG936BCP-R-REEL ADG936BRU-REEL |
Wideband 4 GHz 36 dB Isolation at 1 GHz CMOS 1.65 V to 2.75 V Dual SPDT
|
Analog Devices
|
ADG918BRM-500RL7 ADG918BCPZ-500RL7 ADG918BCP-500RL |
Wideband, 43 dB Isolation @ 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT Switches
|
Analog Devices
|
ZSWA-4-30DR |
Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-55 Switch High Isolation, SP4T, 50 DC to 3 GHz Switch High Isolation, SP4T, 50з DC to 3 GHz Switch High Isolation/ SP4T/ 50 DC to 3 GHz
|
开 MINI[Mini-Circuits]
|
INA-31063 INA-31063-TR1 |
DC-2.5 GHz 3 V, High Isolation Silicon RFIC Amplifier(直流.5 GHz 3 V,高隔离硅射频集成电路放大 3V Fixed Gain. High Isolation amplifier 的DC - 2.5 GHz3伏,高隔离硅射频放大器(直流.5 GHz3伏,高隔离硅射频集成电路放大器) 0 MHz - 2500 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
Agilent(Hewlett-Packard) AGILENT TECHNOLOGIES INC
|
PEWIR1003 |
WR-19 Waveguide Isolator from 40 GHz to 60 GHz, 25 dB min Isolation, UG-383/U-Mod Round Cover Flange
|
Pasternack Enterprises,...
|
BFG67_XR BFG67 BFG67_X BFG67X BFG67XR BFG67/XR BFG |
NPN 8 GHz wideband transistors NPN 8GHz wideband transistor(NPN 8G赫兹 宽带晶体
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
0805 1008 T491X226K035AS 100B100JCA500X 100B120JP5 |
RF LDMOS Wideband Integrated Power Amplifiers MW4IC001MR4 W-CDMA 0.8-2.17 GHz, 900 mW, 28 V RF LDMOS Wideband Integrated Power Amplifier
|
Freescale Semiconductor, In... FREESCALE[Freescale Semiconductor, Inc] Motorola
|
TGA4832-15 |
DC 35 GHz Wideband Amplifier
|
TriQuint Semiconductor
|
BFR92A |
NPN 5 GHz wideband transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BFQ67W |
NPN 8 GHz wideband transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BFG540W BFG540W_X BFG540W_XR |
NPN 9 GHz wideband transistor
|
PHILIPS[Philips Semiconductors]
|
BFQ621 |
NPN 7 GHz wideband transistor
|
Philips Semiconductors
|